Part Number Hot Search : 
NF3509 SMAJ10 T72V24 1N5270 A313RUI 2SA1045 C1H15 M41T9307
Product Description
Full Text Search
 

To Download MC2836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  small-signal diode MC2836 for high speed switching application silicon epitaxial type(common anode) isahaya electronics corporation description MC2836 is a super mini package plastic seal type silicon epita xial type double diode, especially desig ned for high speed switching appl ication. due to the small pin capacitance, short switching time (revers e recovery time), it is most suitable for high speed switching ap plication and limitter, clippe r application. feature small pin capacitance quick switching time high voltage series connected two elements good two element characteristics double and super mini package for mounting application for general high speed swit ching of audio machine, vtr. outlinedrawing unitmm jeitasc-59 jedecsimilar to to-236 terminal connecter ?cathode 1 ?cathode 2 ?anode (common) 0.13 0 0.1 0.8 1.1 0.4 0.65 1.5 0.65 2.8 0.95 0.95 1.90 2.8 maximum ratings ta=25 symbol parameter ratings unit v rm peak reverse voltage 75 v v r dc reverse voltage 50 v i fsm surge current? 4 a i fm peak forward current 300 ma i o average rectification current 100 ma p t total allowance dissipation 200 mw t junction temperature 150 tstg storage temperature -55150 electrical characteristics ta=25 parameter symbol test conditions limits uniit min typ max forward voltage v f1 i f =10ma - 0.77 0.9 v v f2 i f =50ma - 0.90 1.0 v f3 i f =100ma - 0.95 1.2 reverse current i r v r =50v - - 0.1 a pin capacitance c v r =0vf=1mhz - 2.8 4.0 pf reverse recovery time trr (refer to test circuit) - - 4.0 ns internal connection marking d1 d2
small-signal diode MC2836 for high speed switching application silicon epitaxial type(common anode) isahaya electronics corporation tri gger i f =10ma,v r =6v 3k r l =50 + t rr=0.1lr reverse recovery time for 0.1 ir - suppl y (zout = 5 0 ? oscilloscope zin=50? dc power 0.02f d.u.t pulse generater sampling input voltage wave form v f v r 0 current wave form in diode if ir 0.1lr t rr 0 reverse recovery tim e(trr)test circuit typical characteristics
6 - 41 tsukuba, isahaya, nagasaki, 854 - 0065 japan keep safety first in your circuit designs! isahaya electronics corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility th at trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropri ate measures such as ( 1) placement of substitutive, auxiliary, ( 2) use of non - farmable material or ( 3) prevention against any malfunct ion or mishap. notes regarding these materials these materials are intended as a reference to our customers in the selection of the isah aya products best suited to the customer?s application; they don't convey any license under any intellectual prop erty rights, or any other rights, belonging isahaya or third party. isahaya electronics corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagram s, charts or circuit application examples contained in these materials . all information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, a nd are subject to change by isahaya electronics corporation without notice due to product improvements or other reasons. it is therefore recommended that customers contact isahaya electronics corporation or an authorized isahaya products distr ibutor for the latest product information before purchasing product listed herein. isahaya electronics corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human lif e is potentially at stake. please contact isahaya electronics corporation or an authorized isahaya products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transpor tation, vehicular, medical, aerospace, nuclear, or undersea repeater use. the prior written approval of isahaya electronics corporation is necessary to reprint or reproduce in whole or in part these materials. if these products or technolo gies are subject to the japanese export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or re - export contrary to t he export control laws and regulations of japan and/or the country of destination is prohibited. please contact isahaya electronics corporation or authorized isahaya products distributor for further details on these materials or the product s contained therein. jun.2013


▲Up To Search▲   

 
Price & Availability of MC2836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X